Part Number Hot Search : 
03203 MH46TAD 2N111 S93C46 MBS034M FRL234R SP233 TA78L08S
Product Description
Full Text Search
 

To Download APTGT50A120T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  APTGT50A120T APTGT50A120T ? rev 0 may, 2005 apt website ? http:/ / www.advancedpower.com 1 - 5 absolute maximum ratings symbol parameter max ratings unit v ces collector - emitter breakdown voltage 1200 v t c = 25c 75 i c continuous collector current t c = 80c 50 i cm pulsed collector current t c = 25c 100 a v ge gate ? emitter voltage 20 v p d maximum power dissipation t c = 25c 277 w rbsoa reverse bias safe operating area t j = 125c 100a @ 1150v these devices are sensitive to electrostatic discharge. proper handing procedures should be followe d. vbus q1 g1 e1 out nt c2 0/vbu s g2 e2 nt c1 q2 out out ntc2 vbus e1 g2 e2 ntc1 0/vbus g2 e2 g1 v ces = 1200v i c = 50a @ tc = 80c applicatio n ? welding converters ? switched mode power supplies ? uninterruptible power supplies ? motor control features ? fast trench + field stop igbt ? technology - low voltage drop - low tail current - switching freque nc y up to 20 khz - soft recovery parallel diodes - low diode vf - low leakage current - avalanche energy rated - rbsoa and scsoa rated ? kelvin emitter for easy drive ? very low stray inductance - symmetrical design - lead frames for power connections ? high level of integration ? internal thermistor for temperature monitoring benefits ? stable temperature behavior ? very rugged ? solderable terminals for easy pcb mounting ? direct mounting to heatsink (isolated package) ? low junction to case thermal resistance ? easy paralleling due to positive tc of vcesat ? low profile phase leg fast trench + field stop igbt ? power module
APTGT50A120T APTGT50A120T ? rev 0 may, 2005 apt website ? http:/ / www.advancedpower.com 2 - 5 all ratings @ t j = 25c unless otherwise specified electrical characteristics symbol characteristic test conditions min typ max unit i ces zero gate voltage collector current v ge = 0v, v ce = 1200v 500 a t j = 25c 1.7 2.1 v ce(sat) collector emitter saturation voltage v ge = 15v i c = 50a t j = 125c 2.0 v v ge(th) gate threshold voltage v ge = v ce , i c = 2ma 5.0 5.8 6.5 v i ges gate ? emitter leakage current v ge = 20v, v ce = 0v 400 na dynamic characteristics symbol characteristic test conditions min typ max unit c ies input capacitance 3600 c oes output capacitance 190 c res reverse transfer capacitance v ge = 0v v ce = 25v f = 1mhz 160 pf t d(on) tur n-o n delay ti me 90 t r rise time 30 t d(off) turn-off delay time 420 t f fall time inductive switching (25c) v ge = 15v v bus = 600v i c = 50a r g = 18 ? 70 ns t d(on) tur n-o n delay ti me 90 t r rise time 50 t d(off) turn-off delay time 520 t f fall time 90 ns e on turn-on switching energy 5 e off turn-off switching energy inductive switching (125c) v ge = 15v v bus = 600v i c = 50a r g = 18 ? 5.5 mj reverse diode ratings and characteristics symbol characteristic test conditions min typ max unit v rrm maximum peak repetitive reverse voltage 1200 v t j = 25c 250 i rm maximum reverse leakage current v r =1200v t j = 125c 500 a i f(a v) maximum average forward current 50% duty cycle tc = 80c 50 a t j = 25c 1.4 1.9 v f diode forward voltage i f = 50a t j = 125c 1.3 v t j = 25c 150 t rr reverse recovery time t j = 125c 250 ns t j = 25c 4.5 q rr reverse recovery charge i f = 50a v r = 600v di/dt =2000a/s t j = 125c 9 c
APTGT50A120T APTGT50A120T ? rev 0 may, 2005 apt website ? http:/ / www.advancedpower.com 3 - 5 temperature sensor ntc (see application note apt0406 on www.advancedpower.com for more information). symbol characteristic min typ max unit r 25 resistance @ 25c 50 k ? b 25/85 t 25 = 298.15 k 3952 k ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? = t t b r r t 1 1 exp 25 85 / 25 25 thermal and package characteristics symbol characteristic min typ max unit igbt 0.45 r thjc junction to case diode 0.58 c/w v isol rms isolation voltage, any terminal to case t =1 min, i isol<1ma, 50/60hz 2500 v t j operating junction temperature range -40 150 t stg storage temperature range -40 125 t c operating case temperature -40 100 c torque mounting torque to heatsink m5 1.5 4.7 n.m wt package weight 160 g package outline (dimensions in mm) t: thermistor temperature r t : thermistor value at t
APTGT50A120T APTGT50A120T ? rev 0 may, 2005 apt website ? http:/ / www.advancedpower.com 4 - 5 typical performance curve output characteristics (v ge =15v) t j =25c t j =125c 0 20 40 60 80 100 00.511.522.533.5 v ce (v) i c (a) output characteristics v ge =15v v ge =13v v ge =17v v ge =9v 0 20 40 60 80 100 01234 v ce (v) i c (a) t j = 125c transfert characteristics t j =25c t j =125c t j =125c 0 20 40 60 80 100 5 6 7 8 9 101112 v ge (v) i c (a) energy losses vs collector current eon eon eoff er 0 2 4 6 8 10 12 0 20406080100 i c (a) e (mj) v ce = 600v v ge = 15v r g = 18 ? t j = 125c eon eoff er 0 2 4 6 8 10 12 0 1020304050607080 gate resistance (ohms) e (mj) v ce = 600v v ge =15v i c = 50a t j = 125c switching energy losses vs gate resistanc e reverse bias safe operating area 0 20 40 60 80 100 120 0 300 600 900 1200 1500 v ce (v) i c (a) v ge =15v t j =125c r g =18 ? maximum effective transient thermal impedance, junction to pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.1 0.2 0.3 0.4 0.5 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) igbt
APTGT50A120T APTGT50A120T ? rev 0 may, 2005 apt website ? http:/ / www.advancedpower.com 5 - 5 forward characteristic of diode t j =2 5c t j =125c t j =125c 0 25 50 75 100 125 150 00.511.522.5 v f (v) i c (a) hard switching zcs zvs 0 10 20 30 40 50 60 70 80 0 1020304050607080 i c (a) fmax, operating frequency (khz) v ce =600v d=50% r g =18 ? t j =125c t c =75c operating frequency vs collector current maximum effective transient thermal impedance, junction to pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.1 0.2 0.3 0.4 0.5 0.6 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) diode apt re s e rves the rig ht to c ha nge , witho ut notice , the s pe cificatio ns and info rma tio n co nta ine d he re in apt's products are covered by one or more of u.s patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. u.s and foreign pa tents pending. all rights reserved.


▲Up To Search▲   

 
Price & Availability of APTGT50A120T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X